Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXH6101A Datasheet (PDF) - NXP Semiconductors

Part # MPXH6101A
Description  MPXH6101A, 15 to 102 kPa, Absolute, Integrated Pressure Sensor
File Size   184.08 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXH6101A Datasheet (PDF) - NXP Semiconductors



Similar Part No. - MPXH6101A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6101A FREESCALE-MPXH6101A Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPXH6101A6T1 FREESCALE-MPXH6101A6T1 Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPXH6101A6U FREESCALE-MPXH6101A6U Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
More results


Similar Description - MPXH6101A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 3-5 December 2019
MP3H6115A NXP-MP3H6115A Datasheet
246Kb / 14P
MP3H6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 6.1, 06/2015
MPXA6115A NXP-MPXA6115A Datasheet
385Kb / 20P
MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
MPXH6400A NXP-MPXH6400A Datasheet
303Kb / 15P
MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7250A4 NXP-FXPS7250A4_V01 Datasheet
449Kb / 24P
Analog absolute pressure sensor, 20 kPa to 250 kPa
Rev. 5 - 29 July 2022
FXPS7115D4S NXP-FXPS7115D4S Datasheet
1Mb / 74P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1-9 August 2022
FXPS7400A4S NXP-FXPS7400A4S Datasheet
546Kb / 24P
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1-9 August 2022
FXPS7550A4S NXP-FXPS7550A4S Datasheet
489Kb / 24P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7550D4S NXP-FXPS7550D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com