Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHL36225 Datasheet (PDF) - Schneider Electric

Part # LHL36225
Description  LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 225A, 3P
File Size   119.2 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LHL36225 Datasheet (PDF) - Schneider Electric



Similar Part No. - LHL36225

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LHL36200 SCHNEIDER-LHL36200 Datasheet
119Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 200A, 3P
Nov 23, 2020
LHL36250 SCHNEIDER-LHL36250 Datasheet
133Kb / 2P
LHL MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 250A, 3P
Nov 23, 2020
More results


Similar Description - LHL36225

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LHL26225 SCHNEIDER-LHL26225 Datasheet
60Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER,600VAC/250VDC, 225A, 2P
Nov 23, 2020
LHL26300 SCHNEIDER-LHL26300 Datasheet
119Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER,600VAC/250VDC, 300A, 2P
Nov 23, 2020
LHL26400 SCHNEIDER-LHL26400 Datasheet
125Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER,600VAC/250VDC, 400A, 2P
Nov 23, 2020
LHL36125 SCHNEIDER-LHL36125 Datasheet
66Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 125A, 3P
Nov 23, 2020
LHL36150 SCHNEIDER-LHL36150 Datasheet
66Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 150A, 3P
Nov 23, 2020
LHL36175 SCHNEIDER-LHL36175 Datasheet
66Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 175A, 3P
Nov 23, 2020
LHL36200 SCHNEIDER-LHL36200 Datasheet
119Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 200A, 3P
Nov 23, 2020
LHL36300 SCHNEIDER-LHL36300 Datasheet
124Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 300A, 3P
Nov 23, 2020
LHL36350 SCHNEIDER-LHL36350 Datasheet
119Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 350A, 3P
Nov 23, 2020
LHL36400 SCHNEIDER-LHL36400 Datasheet
122Kb / 2P
LHL LH MOLDED CASE CIRCUIT BREAKER, 600VAC/250VDC, 400A, 3P
Nov 23, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com