Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2500NSOT883 Datasheet (PDF) - First Silicon Co., Ltd

Part # FTK2500NSOT883
Description  20V Single N-channel Trench MOSFET
File Size   491.17 Kbytes
Html View  1   2   3   4   5 
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2500NSOT883 Datasheet (PDF) - First Silicon Co., Ltd



Similar Part No. - FTK2500NSOT883

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2501DFN22 FS-FTK2501DFN22 Datasheet
790Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results


Similar Description - FTK2500NSOT883

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8554 FAIRCHILD-FDMC8554 Datasheet
197Kb / 7P
N-Channel Power Trench MOSFET 20V, 16.5A, 5mohm
logo
MagnaChip Semiconductor...
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
Will Semiconductor Ltd.
WNM2024 WILLSEMI-WNM2024 Datasheet
914Kb / 6P
Single N-Channel, 20V, 3.9A, Power MOSFET
WNM2030 WILLSEMI-WNM2030 Datasheet
565Kb / 6P
Single N-Channel, 20V, 0.95A, Power MOSFET
WNM2046 WILLSEMI-WNM2046 Datasheet
1Mb / 8P
Single N-Channel, 20V, 0.71A, Power MOSFET
WNM2046C WILLSEMI-WNM2046C Datasheet
1Mb / 7P
Single N-Channel, 20V, 0.6A, Power MOSFET
WNM2072 WILLSEMI-WNM2072 Datasheet
1Mb / 7P
Single N-Channel, 20V, 0.71A, Power MOSFET
WNM2077 WILLSEMI-WNM2077 Datasheet
957Kb / 6P
Single N-Channel, 20V, 0.54A, Power MOSFET
WNM2096 WILLSEMI-WNM2096 Datasheet
757Kb / 8P
Single N-Channel, 20V, 0.8A, Power MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com