Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-2735FPQ Datasheet (PDF) - Mallory Sonalert Products Inc

Part # PT-2735FPQ
Description  Current Consumption Max. (mA) 10 at Rated Voltage
File Size   89.2 Kbytes
Html View  1 
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PT-2735FPQ Datasheet (PDF) - Mallory Sonalert Products Inc



Similar Part No. - PT-2735FPQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
Current Consumption (mA/max) 10 at Rated Voltage
More results


Similar Description - PT-2735FPQ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
logo
New Jersey Semi-Conduct...
BFX30 NJSEMI-BFX30 Datasheet
89Kb / 2P
High current (max.600 mA)
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
IK Semicon Co., Ltd
IL7150 IKSEMICON-IL7150 Datasheet
309Kb / 7P
Current consumption 4 mA
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
logo
Mallory Sonalert Produc...
PK-20A35EWQ-MX MSPI-PK-20A35EWQ-MX Datasheet
98Kb / 1P
10 at Rated Voltage
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
Current Consumption (mA/max) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
Current Consumption Max. (mA) 8.0 at Rated Voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com