Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-552Q Datasheet (PDF) - Mallory Sonalert Products Inc

Part # PS-552Q
Description  Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
File Size   110.85 Kbytes
Html View  1 
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PS-552Q Datasheet (PDF) - Mallory Sonalert Products Inc



Similar Part No. - PS-552Q

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-AQ MSPI-PS-550DG-AQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551D-220VQ MSPI-PS-551D-220VQ Datasheet
98Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PS-551DBQ MSPI-PS-551DBQ Datasheet
82Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
More results


Similar Description - PS-552Q

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-3529FPQ MSPI-PT-3529FPQ Datasheet
86Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
PS-520Q MSPI-PS-520Q Datasheet
209Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-521Q MSPI-PS-521Q Datasheet
209Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
PS-522Q MSPI-PS-522Q Datasheet
210Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-523AQ MSPI-PS-523AQ Datasheet
209Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
PS-531Q MSPI-PS-531Q Datasheet
117Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-551Q MSPI-PS-551Q Datasheet
109Kb / 1P
Sound Pressure Level Min. (dB) 105 at 100cm at Rated Voltage
PS-723BQ MSPI-PS-723BQ Datasheet
94Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
PS-983Q MSPI-PS-983Q Datasheet
101Kb / 1P
Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com