Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440NBGI Datasheet (PDF) - Renesas Technology Corp

Part # F0440NBGI
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
File Size   2991.55 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440NBGI Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F0440NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440NBGI RENESAS-F0440NBGI Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440NBGI8 RENESAS-F0440NBGI8 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results


Similar Description - F0440NBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com