Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP360N80S3Z Datasheet (PDF) - ON Semiconductor

Part # NTP360N80S3Z
Description  MOSFET ??Power, N-Channel, SUPERFET III 800 V, 360 m, 13 A
File Size   199.36 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP360N80S3Z Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTP360N80S3Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTP3000 ETC1-NTP3000 Datasheet
843Kb / 37P
1CHIP 2.1CHANNEL FULL DIGITAL AMPLIFIER
R0.73-11.2006
logo
ON Semiconductor
NTP30N06 ONSEMI-NTP30N06 Datasheet
72Kb / 7P
Power MOSFET 30 Amps, 60 Volts
August, 2005 ??Rev. 1
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
NTP30N06L ONSEMI-NTP30N06L Datasheet
90Kb / 7P
Power MOSFET
August, 2005 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTP30N06L VBSEMI-NTP30N06L Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - NTP360N80S3Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD360N80S3Z ONSEMI-NTD360N80S3Z Datasheet
261Kb / 9P
MOSFET ??Power, N-Channel, SUPERFET III 800 V, 360 m, 13 A
April, 2020 ??Rev. 0
NTPF360N80S3Z ONSEMI-NTPF360N80S3Z Datasheet
148Kb / 8P
MOSFET ??Power, N-Channel, SUPERFET III 800 V, 360 m, 13 A
April, 2020 ??Rev. 0
NTD600N80S3Z ONSEMI-NTD600N80S3Z Datasheet
333Kb / 9P
MOSFET ??Power, N-Channel, SUPERFET III 800 V, 600 m, 8 A
December, 2020 ??Rev. 0
NTPF450N80S3Z ONSEMI-NTPF450N80S3Z Datasheet
207Kb / 9P
MOSFET ??Power,N-Channel, SUPERFET III 800 V, 450 m, 11 A
August, 2020-Rev. 0
NTPF600N80S3Z ONSEMI-NTPF600N80S3Z Datasheet
216Kb / 9P
MOSFET ??Power, N-Channel, SUPERFET III 800 V, 600 m, 8 A
May, 2021-Rev. 2
NVD360N65S3 ONSEMI-NVD360N65S3 Datasheet
319Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 360 m, 10 A
December, 2020-Rev. 0
FCD360N65S3R0 ONSEMI-FCD360N65S3R0 Datasheet
429Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 10 A, 360 m
August, 2019 ??Rev. 5
FCMT360N65S3 ONSEMI-FCMT360N65S3 Datasheet
498Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy-Drive 650 V, 10 A, 360 m
February, 2020 ??Rev. 1
FCP360N65S3R0 ONSEMI-FCP360N65S3R0 Datasheet
430Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 10 A, 360 m
August, 2019 ??Rev. 3
FCPF360N65S3R0L-F154 ONSEMI-FCPF360N65S3R0L-F154 Datasheet
323Kb / 10P
MOSFET – Power, N-Channel, SUPERFET III, Easy Drive 650 V, 10 A, 360 m
December, 2020 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com