Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK6605SP Datasheet (PDF) - First Silicon Co., Ltd

Part # FTK6605SP
Description  Dual N-Channel M OSFET
File Size   630.3 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6605SP Datasheet (PDF) - First Silicon Co., Ltd



Similar Part No. - FTK6605SP

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6601S FS-FTK6601S Datasheet
480Kb / 5P
P-channel and N-channel Complementary MOSFETS
FTK6602 FS-FTK6602 Datasheet
516Kb / 5P
P-channel and N-channel Complementary MOSFETS
More results


Similar Description - FTK6605SP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
logo
Unisonic Technologies
UTD20N03 UTC-UTD20N03 Datasheet
132Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER M OSFET
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMC8200S FAIRCHILD-FDMC8200S Datasheet
467Kb / 12P
Dual N-Channel PowerTrench짰 MOSFET 30 V, 10 m廓, 20 m廓
logo
NXP Semiconductors
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
BUK9K32-100E PHILIPS-BUK9K32-100E_15 Datasheet
344Kb / 13P
Dual N-channel 100 V, 33 m logic level MOSFET
10 December 2013
logo
ON Semiconductor
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com