Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PGH758AM Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PGH758AM
Description  THYRISTOR MODULE 75A / 800V
File Size   234.91 Kbytes
Html View  1   2   3   4 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PGH758AM Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PGH758AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH758AM NIEC-PGH758AM Datasheet
796Kb / 10P
3-phase diode bridge plus thyristor
PGH758AM NIEC-PGH758AM Datasheet
236Kb / 3P
75A Avg 800 Volts
PGH758AM NIEC-PGH758AM_1 Datasheet
236Kb / 3P
75A Avg 800 Volts
logo
National Instruments Co...
PGH758AM NI-PGH758AM_15 Datasheet
236Kb / 3P
THYRISTOR
More results


Similar Description - PGH758AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PT768 NIEC-PT768 Datasheet
137Kb / 3P
DIODE MODULE 75A/800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
THYRISTOR MODULE 75A / 1600V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
PT76S8 NIEC-PT76S8 Datasheet
114Kb / 3P
DIODE MODULE 75A/800V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com