Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOD Datasheet (PDF) - WeEn Semiconductors

Part # SOD
Description  200W Transient Voltage Suppressor
File Size   576.48 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

SOD Datasheet (PDF) - WeEn Semiconductors



Similar Part No. - SOD

ManufacturerPart #DatasheetDescription
logo
Eravant
SOD-03302113-SF-C2 ERAVANT-SOD-03302113-SF-C2 Datasheet
299Kb / 3P
Dielectric Resonator Oscillator, 3 GHz, 13 dBm
Rev 1.1
SOD-04304115-SF-C2 ERAVANT-SOD-04304115-SF-C2 Datasheet
293Kb / 2P
Dielectric Resonator Oscillator, 4 GHz, 15 dBm
Rev. 1.0
SOD-05301118-SF-S4 ERAVANT-SOD-05301118-SF-S4 Datasheet
299Kb / 2P
Dielectric Resonator Oscillator, 5 GHz, 18 dBm
Rev. 1.0
SOD-06304113-SF-S4-2 ERAVANT-SOD-06304113-SF-S4-2 Datasheet
305Kb / 2P
Dielectric Resonator Oscillator, 5.92 GHz, 13 dBm
Rev. 1.0
SOD-09302113-SF-C2 ERAVANT-SOD-09302113-SF-C2 Datasheet
289Kb / 2P
Dielectric Resonator Oscillator, 9 GHz, 13 dBm
Rev. 1.0
More results


Similar Description - SOD

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Taiwan Semiconductor Co...
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMF JUXING-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 200W
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
SMF5.0AH TSC-SMF5.0AH Datasheet
468Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com