Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D92-02 Datasheet (PDF) - MacMic

Part # D92-02
Description  220V 20A FRED
File Size   680.75 Kbytes
Html View  1   2   3 
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

D92-02 Datasheet (PDF) - MacMic



Similar Part No. - D92-02

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D92-02 NELLSEMI-D92-02 Datasheet
431Kb / 5P
Ultrafast Soft Recovery Diode, 2 x 10 A
logo
Thinki Semiconductor Co...
D92-02 THINKISEMI-D92-02 Datasheet
920Kb / 2P
Ultrafast Recovery Rectifier
logo
Shanghai Shunye Electro...
D92-02 SHUNYE-D92-02 Datasheet
972Kb / 3P
Ultrafast Soft Recovery Diode, 1200V, 15A
V2.22
logo
Jiangsu Donghai Semicon...
D92-02A WXDH-D92-02A Datasheet
513Kb / 5P
10A 200V Fast recovery diode
More results


Similar Description - D92-02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
ML4833 220V Non-Dimming Ballast Design
SSF6N80A FAIRCHILD-SSF6N80A Datasheet
263Kb / 7P
Advanced Power MOSFET(220V, 2.0OHM, 4.5A)
logo
Seoul Semiconductor
SMJD-3V16W1P3 SEOUL-SMJD-3V16W1P3 Datasheet
2Mb / 20P
220V 17.5W Downlight
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C_15 Datasheet
199Kb / 5P
0.8W, 11V - 220V Voltage Regulator Diodes
logo
Bruckewell Technology L...
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
Stand-off Voltage : 5.0 to 220V
logo
Schneider Electric
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power
Aug 9, 2019
logo
Molex Electronics Ltd.
0638160280 MOLEX-0638160280 Datasheet
37Kb / 1P
Battery Powered Crimping Tool, 220V
08/26/2022
0638160285 MOLEX-0638160285 Datasheet
39Kb / 1P
220V Battery Charger
08/26/2022
logo
Shenzhen Luguang Electr...
MTSR2060 LUGUANG-MTSR2060 Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
MTSR2060F LUGUANG-MTSR2060F Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com