Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMD60A160U Datasheet (PDF) - MacMic

Part # MMD60A160U
Description  60A Rectifier Diode Module
File Size   205.45 Kbytes
Html View  1   2   3 
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic

MMD60A160U Datasheet (PDF) - MacMic



Similar Part No. - MMD60A160U

ManufacturerPart #DatasheetDescription
logo
MacMic
MMD60A160B MACMIC-MMD60A160B Datasheet
1Mb / 3P
60A Rectifier Diode Module
MMD60A160DK MACMIC-MMD60A160DK Datasheet
1Mb / 3P
60A Rectifier Diode Module
More results


Similar Description - MMD60A160U

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE608N NIEC-PE608N Datasheet
193Kb / 3P
DIODE MODULE 60A/800V
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
PC6012 NIEC-PC6012 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
logo
eupec GmbH
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
Rectifier Diode Module
logo
Fairchild Semiconductor
FD6M045N06 FAIRCHILD-FD6M045N06 Datasheet
557Kb / 9P
60V/60A Synchronous Rectifier Module
FPP06R001 FAIRCHILD-FPP06R001 Datasheet
870Kb / 9P
75V/60A Synchronous Rectifier Module
logo
eupec GmbH
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
Rectifier Diode Module
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
Fast Soft Recovery Rectifier Diode, 60A
20-Oct-11
logo
Naina Semiconductor ltd...
SD51 NAINA-SD51_13 Datasheet
112Kb / 2P
Schottky Rectifier Diode, 60A
logo
MacMic
MMD60A MACMIC-MMD60A Datasheet
1Mb / 3P
60A Rectifier Diode Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com