| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
H361AWKVW
|
125Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 7, 2021 |
|
H361AWK
|
132Kb / 4P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12
Jun 3, 2021 |
|
H361A
|
121Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K
Jun 7, 2021 |
|
H361
|
141Kb / 3P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 1
Jun 2, 2021 |
|
H3612AWK
|
106Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12
Jun 14, 2021 |
|
H3612A
|
106Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K
Jun 16, 2021 |
|
H361VW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, viewing window
Jun 17, 2021 |
|
H361EI
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, interlock kit
Jun 17, 2021 |
|
H361AVW
|
125Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K, viewing window
Jun 21, 2021 |
|
CH361
|
117Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 600 VAC/ VDC, 3 poles, 20 hp, NEMA 1
Jun 14, 2021 |
|