Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5024 Datasheet (PDF) - Analog Devices

Part # ADRF5024
Description  Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
File Size   432.76 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5024 Datasheet (PDF) - Analog Devices



Similar Part No. - ADRF5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results


Similar Description - ADRF5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
ADRF5080 AD-ADRF5080 Datasheet
2Mb / 15P
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com