| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
H361AWKVW
|
125Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 7, 2021 |
|
H361A
|
121Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K
Jun 7, 2021 |
|
H361
|
141Kb / 3P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 1
Jun 2, 2021 |
|
H3612A
|
106Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K
Jun 16, 2021 |
|
HU361AVW
|
131Kb / 2P |
Safety switch, heavy duty, non fusible, 30A, 3 poles, 30 hp, 600 VAC/DC, NEMA 12K, viewing window
Jun 17, 2021 |
|
H361VW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, viewing window
Jun 17, 2021 |
|
H361AWCVW
|
120Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 600 VAC/ VDC, 3 poles, 20 hp, NEMA 12K, crouse hinds arktite, viewing window
Jun 21, 2021 |
|
H361NVW
|
99Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, neutral factoryinstalled, viewing window
Jun 22, 2021 |
|
H361AWKVWEI
|
106Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12, viewing window, interlock kit
Jun 22, 2021 |
|
H361ACVW
|
64Kb / 2P |
Safety switch, heavy duty, fusible, 30A, 3 poles, 20 hp, 20 hp, 600 VAC/DC, NEMA 12K, viewing window, consumer packaging
Jun 22, 2021 |
|