| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
RXM2AB1F7
|
209Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 120 V AC
Aug 4, 2021 |
|
RPM21P7
|
207Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with lockable test button, 230 V AC
Aug 5, 2021 |
|
RXM3AB1P7
|
215Kb / 6P |
Harmony, Miniature plug-in relay, 10 A, 3 CO, with lockable test button, 230 V AC
Aug 5, 2021 |
|
RXG21P7
|
272Kb / 7P |
Harmony, Interface plug-in relay, 5 A, 2 CO, with lockable test button, 230 V AC
Aug 11, 2021 |
|
RUMC21P7
|
189Kb / 7P |
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 230 V AC
Aug 12, 2021 |
|
RXM4GB1P7
|
218Kb / 6P |
Harmony, Miniature plug-in relay, 3 A, 4 CO, with lockable test button, 230 V AC
Aug 5, 2021 |
|
RXM2AB1B7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 24 V AC
Aug 27, 2021 |
|
RXM2AB1E7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 48 V AC
Aug 31, 2021 |
|
RXM2AB1JD
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 12 V DC
Aug 31, 2021 |
|
RXM2AB2P7
|
211Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 230 V AC
Aug 31, 2021 |