Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774A Datasheet (PDF) - Analog Devices

Part # HMC774A
Description  7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
File Size   324.82 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774A Datasheet (PDF) - Analog Devices



Similar Part No. - HMC774A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
HMC774ALC3BTR AD-HMC774ALC3BTR Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
HMC774ALC3BTR-R5 AD-HMC774ALC3BTR-R5 Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results


Similar Description - HMC774A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC171C8 HITTITE-HMC171C8_08 Datasheet
231Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 7 - 10 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com