Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC200 Datasheet (PDF) - Bel Fuse Inc.

Part # ABC200
Description  High Efficiency up to 91% at 230 VAC
File Size   1407.05 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - ABC200_V01

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC200-1012G POWER-ONE-ABC200-1012G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1012G BEL-ABC200-1012G Datasheet
1Mb / 11P
Active Power Factor Correction
logo
Power-One
ABC200-1024G POWER-ONE-ABC200-1024G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1024G BEL-ABC200-1024G Datasheet
1Mb / 11P
Active Power Factor Correction
logo
Power-One
ABC200-1048G POWER-ONE-ABC200-1048G Datasheet
733Kb / 12P
High efficiency over 91% at 230
More results


Similar Description - ABC200_V01

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC200-10XXG POWER-ONE-ABC200-10XXG Datasheet
733Kb / 12P
High efficiency over 91% at 230
ABC400-10XXG POWER-ONE-ABC400-10XXG Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
Efficiency up to 95%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
High Efficiency up to 84% Full Load
RO-E RECOM-RO-E Datasheet
90Kb / 2P
High Efficiency up to 84%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com