| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX17761EVKITA
|
843Kb / 8P |
Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17 |
|
MAX17761EVKITB
|
804Kb / 8P |
Operates from a 6.5V to 76V Input Supply
Rev 0; 8/17 |
|
MAX15118EVKIT
|
1Mb / 8P |
Operates from a 2.7V to 5.5V Input Supply
2012 |
|
MAX15112EVKIT
|
806Kb / 8P |
Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12 |
|
MAX15108EVKIT
|
1Mb / 8P |
Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11 |
|
MAX15050EVKIT
|
676Kb / 6P |
Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10 |
|
MAX17502FTEVKIT
|
734Kb / 8P |
Operates from a 7V to 60V Input Supply
Rev 2; 11/17 |
|
MAX17501HTEVKIT
|
1Mb / 9P |
Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12 |
|
MAX17623EVKIT
|
1Mb / 13P |
2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20 |
|
MAX22506EEVKIT
|
478Kb / 7P |
Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21 |