Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC250 Datasheet (PDF) - Bel Fuse Inc.

Part # PFC250
Description  Greater than 1 million hours demonstrated MTBF
File Size   659.34 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC250 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - PFC250

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC250 POWER-ONE-PFC250 Datasheet
266Kb / 4P
PerFormanCe POWER
PFC250-1003 POWER-ONE-PFC250-1003 Datasheet
266Kb / 4P
PerFormanCe POWER
PFC250-1003 POWER-ONE-PFC250-1003 Datasheet
235Kb / 5P
PFC250 AC-DC Series Data Sheet
PFC250-1005 POWER-ONE-PFC250-1005 Datasheet
266Kb / 4P
PerFormanCe POWER
PFC250-1005 POWER-ONE-PFC250-1005 Datasheet
235Kb / 5P
PFC250 AC-DC Series Data Sheet
More results


Similar Description - PFC250

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXB50 EMERSON-NETWORKPOWER-BXB50 Datasheet
242Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB75 EMERSON-NETWORKPOWER-BXB75 Datasheet
240Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB150 EMERSON-NETWORKPOWER-BXB150 Datasheet
296Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
logo
RFE international
RM10R-0R02-J RFE-RM10R-0R02-J Datasheet
74Kb / 1P
SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS
logo
List of Unclassifed Man...
ISC01P ETC2-ISC01P Datasheet
1Mb / 6P
Exceptional contrast: 50 times greater than LCD products
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
Excellent Return loss Greater than 28 dB
logo
ZETTLER Electronics
AZSR180 ZETTLER-AZSR180 Datasheet
55Kb / 2P
Isolation spacing greater than 10 mm
logo
Maxim Integrated Produc...
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Bel Fuse Inc.
PFC375 BEL-PFC375 Datasheet
691Kb / 6P
Greater than 1 million hours demonstrated MTBF
logo
Maxim Integrated Produc...
MAX9788EVKIT MAXIM-MAX9788EVKIT Datasheet
109Kb / 4P
Delivers Greater than 14VP-P into a Ceramic Speaker
Rev 2; 8/07
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com