Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBC1200 Datasheet (PDF) - Bel Fuse Inc.

Part # MBC1200
Description  Single 24 VDC / 48 VDC output voltages available
File Size   1450.77 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC1200 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - MBC1200

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC120 BEL-MBC120 Datasheet
731Kb / 5P
3 x 2 Inch Footprint
MBC120-1012L BEL-MBC120-1012L Datasheet
1Mb / 6P
3 x 2 Footprint
MBC120-1012L BEL-MBC120-1012L Datasheet
731Kb / 5P
3 x 2 Inch Footprint
MBC120-1015L BEL-MBC120-1015L Datasheet
1Mb / 6P
3 x 2 Footprint
MBC120-1015L BEL-MBC120-1015L Datasheet
731Kb / 5P
3 x 2 Inch Footprint
More results


Similar Description - MBC1200

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
MVDU100-12-P DIALIGHT-MVDU100-12-P Datasheet
188Kb / 2P
12 OR 24 VDC OUTPUT
logo
SL Power Electronics
DCD40_DS SLPOWER-DCD40_DS Datasheet
120Kb / 2P
DCD models: 24 Vdc, 18-32 Vdc; DCG models: 48 Vdc, 36-72 Vdc
logo
M.S. Kennedy Corporatio...
MSK5500-18 MSK-MSK5500-18 Datasheet
303Kb / 7P
Alternate output voltages available
logo
Bel Fuse Inc.
LPM126-OUTA1-05 BEL-LPM126-OUTA1-05 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
MCC750 BEL-MCC750 Datasheet
1Mb / 12P
Single 24 VDC or 48 VDC output voltages available
0RCY-D4T12X BEL-0RCY-D4T12X Datasheet
629Kb / 15P
48 VDC Input 12 VDC @ 20 A Output
0RQB-15Y05X BEL-0RQB-15Y05X Datasheet
558Kb / 16P
24/48/72/96/110 VDC Input
0RQB-30Y05S BEL-0RQB-30Y05S Datasheet
960Kb / 19P
24 / 48 / 72 / 96 / 110 VDC Input
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
48 ??60 VDC Input 12 VDC, 125 A Output
logo
WAGO Kontakttechnik Gmb...
787-2803 WAGO-787-2803 Datasheet
388Kb / 6P
DC/DC Converter; 48 VDC input voltage; 24 VDC output voltage; 0.5 A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com