Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

288-413 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

Part # 288-413
Description  Safety relay module; Nominal input voltage: 12 VDC; 2,50 mm짼; gray
File Size   310.9 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

288-413 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG



Similar Part No. - 288-413

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
288-414 WAGO-288-414 Datasheet
316Kb / 7P
Relay module with driven contacts; Nominal input voltage: 24 V AC/DC; 4
288-418 WAGO-288-418 Datasheet
317Kb / 7P
Safety relay module; Nominal input voltage: 230 V AC/DC; 2,50 mm짼; gray
More results


Similar Description - 288-413

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
288-418 WAGO-288-418 Datasheet
317Kb / 7P
Safety relay module; Nominal input voltage: 230 V AC/DC; 2,50 mm짼; gray
788-311 WAGO-788-311 Datasheet
284Kb / 10P
Relay module; Nominal input voltage: 12 VDC; 2 changeover contacts
788-303 WAGO-788-303 Datasheet
307Kb / 9P
Relay module; Nominal input voltage: 12 VDC; 1 changeover contact;
857-303 WAGO-857-303 Datasheet
583Kb / 12P
Relay module; Nominal input voltage: 12 VDC; 1 changeover contact;
286-368 WAGO-286-368 Datasheet
364Kb / 6P
Relay module; Nominal input voltage: 24 VDC
788-152 WAGO-788-152 Datasheet
127Kb / 5P
Basic relay; Nominal input voltage: 12 VDC
286-307-004-000 WAGO-286-307-004-000 Datasheet
317Kb / 6P
Relay module; Nominal input voltage: 110 VDC
286-352-004-000 WAGO-286-352-004-000 Datasheet
323Kb / 6P
Relay module; Nominal input voltage: 24 VDC
286-368-004-000 WAGO-286-368-004-000 Datasheet
406Kb / 6P
Relay module; Nominal input voltage: 24 VDC
858-164 WAGO-858-164 Datasheet
131Kb / 4P
Basic relay; Nominal input voltage: 12 VDC
22.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com