Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C079 Datasheet (PDF) - Analog Devices

Part # HMC-C079
Description  ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
File Size   1003.92 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-C079 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC-C079

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C070 HITTITE-HMC-C070 Datasheet
349Kb / 6P
MicroSynth??INTEGRATED SYNTHESIZER MODULE, 5.5 - 10.5 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
More results


Similar Description - HMC-C079

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C076 HITTITE-HMC-C076 Datasheet
290Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 7 - 11 GHz
HMC-C077 HITTITE-HMC-C077_09 Datasheet
270Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
logo
Custom MMIC Design Serv...
CMD246 MMIC-CMD246 Datasheet
304Kb / 10P
8-22 GHz Low Phase Noise Amplifier
CMD246C4 MMIC-CMD246C4 Datasheet
268Kb / 10P
8-22 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD246C4 QORVO-CMD246C4 Datasheet
263Kb / 10P
8-22 GHz Low Phase Noise Amplifier
CMD246 QORVO-CMD246 Datasheet
298Kb / 10P
8-22 GHz Low Phase Noise Amplifier
CMD319C3 QORVO-CMD319C3 Datasheet
360Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
CMD319 QORVO-CMD319 Datasheet
355Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
October 13, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com