Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP6922C Datasheet (PDF) - ON Semiconductor

Part # NCP6922C
Description  4 Channels PMIC, 2 x DC-to-DC Converters, 2 x LDOs
File Size   2240.75 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6922C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCP6922C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP692 ONSEMI-NCP692 Datasheet
150Kb / 14P
1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP692 ONSEMI-NCP692 Datasheet
165Kb / 15P
1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6925 ONSEMI-NCP6925 Datasheet
6Mb / 18P
RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
NCP692MN15T2G ONSEMI-NCP692MN15T2G Datasheet
150Kb / 14P
1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP692MN15T2G ONSEMI-NCP692MN15T2G Datasheet
165Kb / 15P
1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results


Similar Description - NCP6922C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
DC MOTOR DRIVER (2-CHANNELS)
logo
MicroPower Direct, LLC
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
logo
Power Mate Technology C...
TEF150 P-DUKE-TEF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
TUF150 P-DUKE-TUF150_14 Datasheet
1Mb / 5P
2 X 4 Inch AC-DC POWER SUPPLIES
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com