Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TET-2000 Datasheet (PDF) - Bel Fuse Inc.

Part # TET-2000
Description  Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
File Size   1258.26 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET-2000 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - TET-2000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
High Efficiency, typ. 96% efficiency at half load
TET2000 BEL-TET2000 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
TET2500 BEL-TET2500 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET3000 BEL-TET3000 Datasheet
1Mb / 25P
Best-in-class, Titanium efficiency Universal input voltage range: 90 - 300 VAC
More results


Similar Description - TET-2000

ManufacturerPart #DatasheetDescription
logo
Power-One
PFE600-12-054 POWER-ONE-PFE600-12-054 Datasheet
352Kb / 8P
Best-in-class, 80 PLUS certified Platinum efficiency
logo
Bel Fuse Inc.
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
Best-in-class, Titanium efficiency
PET800-12-074XA BEL-PET800-12-074XA Datasheet
938Kb / 20P
Best-in-Class, 80 PLUS Certified ?쏱latinum??Efficiency
PET2000-12-074XH BEL-PET2000-12-074XH Datasheet
1Mb / 32P
Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PET2000-NAS446 BEL-PET2000-NAS446 Datasheet
1Mb / 22P
Best-in-class, 80 PLUS ?쏱latinum??Efficiency
PTU2000-12-074NA BEL-PTU2000-12-074NA Datasheet
831Kb / 9P
Best-in-class, 80 PLUS ?쏱latinum??efficiency
TET2000 BEL-TET2000 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET2500 BEL-TET2500 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
Best-in-class, Titanium efficiency
PTU2000-12-074ND BEL-PTU2000-12-074ND Datasheet
1Mb / 26P
Best-in-class, ?쏱latinum??efficiency
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com