Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4304 Datasheet (PDF) - Peregrine Semiconductor Corp.

Part # PE4304
Description  75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
File Size   543.4 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4304 Datasheet (PDF) - Peregrine Semiconductor Corp.



Similar Part No. - PE4304

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4304 PASTERNACK-PE4304 Datasheet
91Kb / 1P
TNC MALE BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 & RG316
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304_15 Datasheet
535Kb / 10P
RF Digital Attenuator
More results


Similar Description - PE4304

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com