Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1- Datasheet (PDF) - NXP Semiconductors

Part # H1-
Description  NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
File Size   49.67 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H1- Datasheet (PDF) - NXP Semiconductors



Similar Part No. - H1-

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
H1-2D-48-125-F-P-G-H-10 SENSATA-H1-2D-48-125-F-P-G-H-10 Datasheet
638Kb / 6P
PANEL MOUNT
Rev. 021218
H1-2D-48-125-K-P-G-H-10 SENSATA-H1-2D-48-125-K-P-G-H-10 Datasheet
638Kb / 6P
PANEL MOUNT
Rev. 021218
H1-2D-48-25-F-P-G-H-10 SENSATA-H1-2D-48-25-F-P-G-H-10 Datasheet
638Kb / 6P
PANEL MOUNT
Rev. 021218
H1-2D-48-25-K-P-G-H-10 SENSATA-H1-2D-48-25-K-P-G-H-10 Datasheet
638Kb / 6P
PANEL MOUNT
Rev. 021218
H1-2D-48-50-F-P-G-H-10 SENSATA-H1-2D-48-50-F-P-G-H-10 Datasheet
638Kb / 6P
PANEL MOUNT
Rev. 021218
More results


Similar Description - H1-

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PEMD14 NXP-PEMD14 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com