Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-96XXGC Datasheet (PDF) - Microchip Technology

Part # PD-96XXGC
Description  Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
File Size   381.73 Kbytes
Html View  1   2 
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-96XXGC Datasheet (PDF) - Microchip Technology



Similar Part No. - PD-96XXGC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9601AC MICROCHIP-PD-9601AC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
logo
Microsemi Corporation
PD-9601GAC MICROSEMI-PD-9601GAC Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
logo
Microchip Technology
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
PD-9601GC/AC-AU MICROCHIP-PD-9601GC/AC-AU Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
PD-9601GC/AC-EU MICROCHIP-PD-9601GC/AC-EU Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Similar Description - PD-96XXGC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-6500G MICROSEMI-PD-6500G Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-6500G MICROCHIP-PD-6500G Datasheet
401Kb / 2P
Multi-port 802.3af Compliant Midspan Family With Network Management System
5/21
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com