Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDWS86368 Datasheet (PDF) - ON Semiconductor

Part # FDWS86368
Description  MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
File Size   426.71 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS86368 Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDWS86368

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
More results


Similar Description - FDWS86368

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
logo
ON Semiconductor
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
NTMFS6H824N ONSEMI-NTMFS6H824N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020-Rev. 2
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVMFS5C456N ONSEMI-NVMFS5C456N Datasheet
190Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
October, 2019-Rev. 1
NVMFS6H824N ONSEMI-NVMFS6H824N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020 ??Rev. 2
NVMYS4D5N04C ONSEMI-NVMYS4D5N04C Datasheet
341Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com