Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDWS9509L-F085 Datasheet (PDF) - ON Semiconductor

Part # FDWS9509L-F085
Description  P-Channel Logic Level Power Trench짰 MOSFET - 40 V, - 65 A, 8.0 m
File Size   972.04 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS9509L-F085 Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDWS9509L-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDWS9508L-F085 ONSEMI-FDWS9508L-F085 Datasheet
405Kb / 7P
MOSFET ??P-Channel Logic Level POWERTRENCH -40 V, -80 A, 4.9 m
October, 2021 ??Rev. 3
More results


Similar Description - FDWS9509L-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_07 Datasheet
359Kb / 7P
N-Channel Logic Level Trench짰 MOSFET
FDMC6675BZ FAIRCHILD-FDMC6675BZ Datasheet
291Kb / 7P
P-Channel Power Trench짰 MOSFET -30 V, -20 A, 14.4 m廓
FDMC8030 FAIRCHILD-FDMC8030 Datasheet
341Kb / 7P
Dual N-Channel Power Trench짰 MOSFET 40 V, 12 A, 10 m廓
logo
Renesas Technology Corp
UPA2631T1R RENESAS-UPA2631T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -20 V, -8.0 A, 32 m
logo
Fairchild Semiconductor
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
logo
NXP Semiconductors
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
logo
ON Semiconductor
FDWS9508L-F085 ONSEMI-FDWS9508L-F085 Datasheet
405Kb / 7P
MOSFET ??P-Channel Logic Level POWERTRENCH -40 V, -80 A, 4.9 m
October, 2021 ??Rev. 3
NVMTS1D0N04CL ONSEMI-NVMTS1D0N04CL Datasheet
247Kb / 7P
MOSFET - Power, Single N-Channel, Logic Level 40 V, 1.0 m, 291 A
September, 2021 ??Rev. 1
NTMFS0D7N04XL ONSEMI-NTMFS0D7N04XL Datasheet
185Kb / 8P
MOSFET – Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.7 m, 349 A
February, 2023 - Rev. 0
NTMFS0D9N04XL ONSEMI-NTMFS0D9N04XL Datasheet
183Kb / 8P
MOSFET - Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.9 m, 278 A
February, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com