Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0042AAAT92 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TL0042AAAT92
Description  LTCC Filter 2450/5425 MHz Size 1.6x0.8 mm
File Size   615.58 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TL0042AAAT92 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TL0042AAAT92

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0040A TAI-SAW-TL0040A Datasheet
352Kb / 6P
LTCC Filter 5550 MHz Size 1.6x0.8 mm (800MHz BW)
TL0041AA0094 TAI-SAW-TL0041AA0094 Datasheet
526Kb / 6P
LTCC Filter 2450/5425 MHz Size 1.6x0.8 mm
TL0043AA2095 TAI-SAW-TL0043AA2095 Datasheet
677Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm
TL0045AA0090 TAI-SAW-TL0045AA0090 Datasheet
443Kb / 10P
LTE Filter 2058.5 MHz / 3750 MHz / 5537.5MHz 2.5x2.0 mm
REV.1
TL0046AA0092 TAI-SAW-TL0046AA0092 Datasheet
371Kb / 7P
Multi-layer Filter 5550MHz Size 1.6X0.8mm (BW 800MHz)
REV.2
More results


Similar Description - TL0042AAAT92

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0036A TAI-SAW-TL0036A Datasheet
863Kb / 7P
LTCC Filter 2450MHz BW100MHz Size 1.6x0.8 mm
TL0038A TAI-SAW-TL0038A Datasheet
766Kb / 6P
LTCC Filter 4700 MHz Size 2.0x1.25 mm
TL0040A TAI-SAW-TL0040A Datasheet
352Kb / 6P
LTCC Filter 5550 MHz Size 1.6x0.8 mm (800MHz BW)
TL0009A TAI-SAW-TL0009A Datasheet
225Kb / 7P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (100MHz BW)
TL0024A TAI-SAW-TL0024A Datasheet
579Kb / 5P
LTCC Filter 2450 MHz SMD 2.0x1.25 mm (1160MHz BW)
TL0029A TAI-SAW-TL0029A Datasheet
523Kb / 6P
LTCC Filter 1700 ~ 2700(2200)MHz SMD 1.6x0.8 mm (1000MHz BW)
TL0031A TAI-SAW-TL0031A Datasheet
356Kb / 4P
LTCC Filter 1880 ~ 2025(1952.5) MHz SMD 1.6x0.8 mm (145MHz BW)
TL0009BA0094 TAI-SAW-TL0009BA0094 Datasheet
225Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm (100MHz BW)
TL0041AA0094 TAI-SAW-TL0041AA0094 Datasheet
526Kb / 6P
LTCC Filter 2450/5425 MHz Size 1.6x0.8 mm
TL0043AA2095 TAI-SAW-TL0043AA2095 Datasheet
677Kb / 7P
LTCC Filter 2450 MHz Size 2.0x1.25 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com