Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS86381-F085 Datasheet (PDF) - ON Semiconductor

Part # FDMS86381-F085
Description  N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
File Size   565.19 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86381-F085 Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDMS86381-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS86380-F085 ONSEMI-FDMS86380-F085 Datasheet
560Kb / 7P
N-Channel PowerTrench짰 MOSFET 80V, 50 A, 13.4 m廓
August-2017, Rev. 2
More results


Similar Description - FDMS86381-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7606 FAIRCHILD-FDMS7606 Datasheet
379Kb / 11P
Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 11.4 m廓 Q2: 30 V, 22 A, 11.6 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDMS86310 FAIRCHILD-FDMS86310 Datasheet
302Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com