Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL1CE130 Datasheet (PDF) - Schneider Electric

Part # DL1CE130
Description  22mm Push Buttons, clear incandescent bulb, with BA9s base, 120 to 130 V, 2.4 W
File Size   114.76 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DL1CE130 Datasheet (PDF) - Schneider Electric



Similar Part No. - DL1CE130

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1CE130NSP SCHNEIDER-DL1CE130NSP Datasheet
145Kb / 2P
clear incandescent bulb with BA9s base - 130 V / 2.6 W
Nov 22, 2021
More results


Similar Description - DL1CE130

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1CB006 SCHNEIDER-DL1CB006 Datasheet
147Kb / 2P
clear incandescent bulb with BA9s base - 6 V / 1.2 W
Nov 22, 2021
DL1CD0063 SCHNEIDER-DL1CD0063 Datasheet
120Kb / 2P
LED bulb with BA9s base - green - 6 V / 1.2 W
Nov 22, 2021
DL1CE012 SCHNEIDER-DL1CE012 Datasheet
95Kb / 2P
clear incandescent bulb with BA9s base - 12 V / 2.6 W
Nov 22, 2021
DL1CE024NSP SCHNEIDER-DL1CE024NSP Datasheet
145Kb / 2P
clear incandescent bulb with BA9s base - 24 V / 2.6 W
Nov 22, 2021
DL1CE036 SCHNEIDER-DL1CE036 Datasheet
147Kb / 2P
clear incandescent bulb with BA9s base - 36 V / 2 W
Nov 22, 2021
DL1CE130NSP SCHNEIDER-DL1CE130NSP Datasheet
145Kb / 2P
clear incandescent bulb with BA9s base - 130 V / 2.6 W
Nov 22, 2021
DL1CJUS1203 SCHNEIDER-DL1CJUS1203 Datasheet
164Kb / 2P
LED bulb with BA9s base - green - 120 V AC/DC
Nov 22, 2021
DL1CJUS1204 SCHNEIDER-DL1CJUS1204 Datasheet
139Kb / 2P
LED bulb with BA9s base - red - 120 V AC/DC
Nov 22, 2021
DL1BEB SCHNEIDER-DL1BEB Datasheet
73Kb / 1P
Tower Light and Beacons, clear incandescent bulb, BA15d, 24 V, 7 W
Aug 10, 2019
DL1BEG SCHNEIDER-DL1BEG Datasheet
72Kb / 1P
Tower Light and Beacons, clear incandescent bulb, BA15d, 120 V, 7 W
Aug 10, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com