Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2140 Datasheet (PDF) - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
File Size   2811.73 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet (PDF) - Analog Devices



Similar Part No. - ADP2140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
logo
Lattice Semiconductor
ADP2140ACPZ3312R7 LATTICE-ADP2140ACPZ3312R7 Datasheet
3Mb / 23P
iCEblink40-LP1K Evaluation Kit
September 2012 Revision: EB75_01.1
More results


Similar Description - ADP2140

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com