| Manufacturer | Part # | Datasheet | Description |
 Eaton All Rights Reserv... |
CH30J3
|
164Kb / 1P |
Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
|
|
CH60J3
|
165Kb / 1P |
Fuse-holder, low voltage, 60 A, AC 600 V, DC 600 V, UL Class J, 120 x 83 x 125 mm, 3P, UL, CSA
|
 Schneider Electric |
QJL22200
|
116Kb / 2P |
PowerPact Q - molded case circuit breaker - 2- pole - 100 kA - 240 V - 200 A
Sep 18, 2020 |
|
LC1D115004U7
|
153Kb / 3P |
TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 200 A - 240 V AC 50/60 Hz coil
Jan 4, 2021 |
|
LC1D186L7
|
135Kb / 4P |
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 200 V AC coil
Jan 4, 2021 |
|
RM22UA32MR
|
188Kb / 8P |
Harmony, Modular 1-phase voltage control relay, 8 A, 2 CO, 1...100 V AC/DC, 24...240 V AC/DC
Sep 13, 2021 |
|
RM35S0MW
|
258Kb / 9P |
Harmony, Modular speed control relay, 5 A, 1 CO , 24...240 V AC/DC
Sep 13, 2021 |
 PHOENIX CONTACT |
0913090
|
58Kb / 3P |
Fuse insert - S 50 A/380 V
09/11/2020 |
 Schneider Electric |
RM22UA32MR
|
182Kb / 7P |
Harmony, Modular 1-phase voltage control relay, 8 A, 2 CO, 1…100 V AC/DC, 24…240 V AC/DC
Jan 13, 2022 |
 Siemens Semiconductor G... |
3NE8731-1
|
167Kb / 3P |
SITOR FUSE-LINK FOR SEMICONDUCTOR PROTECTION 315A AR, AC 690V, DC 700V SIZE 000, BRACKETS 80MM
14.04.2016 |