Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4314 Datasheet (PDF) - Peregrine Semiconductor

Part # PE4314
Description  UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
File Size   727.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE4314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
logo
Peregrine Semiconductor
PE4314A-Z PSEMI-PE4314A-Z Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
More results


Similar Description - PE4314

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
UltraCMOS짰 RF Digital Attenuator
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
UltraCMOS짰 RF Digital Step Attenuator
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
UltraCMOS짰 RF Digital Step Attenuator
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com