Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSWN948 Datasheet (PDF) - PANDUIT CORP.

Part # FSWN948
Description  outside plant single armor-single jacket cable with up to 12 fiber sub-units
File Size   179.0 Kbytes
Html View  1   2 
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSWN948 Datasheet (PDF) - PANDUIT CORP.



Similar Part No. - FSWN948

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSWN912 PANDUIT-FSWN912 Datasheet
1Mb / 8P
Cable Entry Systems
09/2022
More results


Similar Description - FSWN948

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-04UXC001A JDSU-MDX-04UXC001A Datasheet
220Kb / 4P
Outside Plant CWDM Universal Multiplexer Module
logo
Lineage Power Corporati...
SPS LINEAGEPOWER-SPS Datasheet
2Mb / 12P
48V DC Outside Plant and Customer Premise Solution
logo
List of Unclassifed Man...
7997A ETC2-7997A Datasheet
108Kb / 3P
Category 5e Nonbonded-Pair Outside Plant Cable
logo
Pasternack Enterprises,...
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG219-79D PASTERNACK-RG219-79D Datasheet
868Kb / 3P
Flexible RG219 Coax Cable Single Shielded with PVC With Aluminum Armor Jacket
RG219-U PASTERNACK-RG219-U Datasheet
1Mb / 3P
Flexible RG219 Coax Cable Single Shielded with Green PVC With Armor Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
logo
Belden Inc.
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com