Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGH12040WD Datasheet (PDF) - ON Semiconductor

Part # FGH12040WD
Description  IGBT - Field Stop, Trench 1200 V, 40 A
File Size   812.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGH12040WD Datasheet (PDF) - ON Semiconductor



Similar Part No. - FGH12040WD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
More results


Similar Description - FGH12040WD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
1200 V, 25 A Field Stop Trench IGBT
FGH40T70SHD FAIRCHILD-FGH40T70SHD Datasheet
690Kb / 9P
700 V, 40 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com