Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K63F003UP Datasheet (PDF) - Schneider Electric

Part # K63F003UP
Description  cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
File Size   198.42 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

K63F003UP Datasheet (PDF) - Schneider Electric



Similar Part No. - K63F003UP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
K63F013UP SCHNEIDER-K63F013UP Datasheet
197Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
More results


Similar Description - K63F003UP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
K50F003UP SCHNEIDER-K50F003UP Datasheet
153Kb / 10P
cam changeover switch - 3-pole - 60째 - 50 A - screw mounting
Feb 3, 2022
K115F013UP SCHNEIDER-K115F013UP Datasheet
174Kb / 10P
cam changeover switch - 3-pole - 60째 - 115 A - screw mounting
Feb 3, 2022
K150F003UP SCHNEIDER-K150F003UP Datasheet
187Kb / 10P
cam changeover switch - 3-pole - 60째 - 150 A - screw mounting
Feb 3, 2022
K150F013UP SCHNEIDER-K150F013UP Datasheet
186Kb / 10P
cam changeover switch - 3-pole - 60째 - 150 A - screw mounting
Feb 3, 2022
K50F013UP SCHNEIDER-K50F013UP Datasheet
152Kb / 10P
cam changeover switch - 3-pole - 60째 - 50 A - screw mounting
Feb 3, 2022
K63C003AP SCHNEIDER-K63C003AP Datasheet
193Kb / 10P
cam switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63D004AP SCHNEIDER-K63D004AP Datasheet
192Kb / 10P
cam switch - 4-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63E003WP SCHNEIDER-K63E003WP Datasheet
194Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63F013UP SCHNEIDER-K63F013UP Datasheet
197Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63H014UP SCHNEIDER-K63H014UP Datasheet
197Kb / 10P
cam changeover switch - 4-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com