Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L027N65S3F Datasheet (PDF) - ON Semiconductor

Part # NTH4L027N65S3F
Description  MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
File Size   532.65 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTH4L027N65S3F Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTH4L027N65S3F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L020N090SC1 ONSEMI-NTH4L020N090SC1 Datasheet
331Kb / 8P
Silicon Carbide SiC MOSFET - 20 mohm, 900 V, M2, TO-247-4L
May, 2022 - Rev. 1
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
283Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 20 m, 102 A
April, 2020 ??Rev. 2
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
362Kb / 8P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1 Datasheet
362Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 20mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 5
NTH4L020N120SC1 ONSEMI-NTH4L020N120SC1_V01 Datasheet
362Kb / 8P
Silicon Carbide (SiC) MOSFET – 20 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 4
More results


Similar Description - NTH4L027N65S3F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH027N65S3F ONSEMI-NTH027N65S3F Datasheet
515Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
August, 2019-Rev. 4
NTHL027N65S3HF ONSEMI-NTHL027N65S3HF Datasheet
417Kb / 10P
Power MOSFET, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
February, 2019-Rev. 1
NTHL040N65S3F ONSEMI-NTHL040N65S3F Datasheet
518Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
August, 2019-Rev. 7
NTHL065N65S3F ONSEMI-NTHL065N65S3F Datasheet
434Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 46 A, 65 m
August, 2019-Rev. 4
NTPF150N65S3HF ONSEMI-NTPF150N65S3HF Datasheet
304Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 24 A, 150 m
June, 2019-Rev. 1
NVHL027N65S3F ONSEMI-NVHL027N65S3F Datasheet
608Kb / 11P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET650 V, 75 A, 27.4 m
March, 2020 ??Rev. 3
NVHL040N65S3HF ONSEMI-NVHL040N65S3HF Datasheet
330Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1
NVH082N65S3F ONSEMI-NVH082N65S3F Datasheet
300Kb / 12P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
November, 2020-Rev. 0
NVH4L027N65S3F ONSEMI-NVH4L027N65S3F Datasheet
915Kb / 10P
MOSFET ??Single N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
September, 2020-Rev. 0
NVHL082N65S3HF ONSEMI-NVHL082N65S3HF Datasheet
329Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
January, 2021 ??Rev. P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com