| Manufacturer | Part # | Datasheet | Description |
 Littelfuse |
194
|
88Kb / 2P |
MINIATURE FUSES - 5x20 mm
|
 PHOENIX CONTACT |
2904078
|
48Kb / 3P |
Cable - CABLE-FLK10/OE/0,14/ 3,0M
|
 HARTING Technology Grou... |
33-48-014-7824-030
|
513Kb / 2P |
ix Ind. - DB RJ45 Cat.6A FRNC grey 3,0m
|
|
33-48-010-1824-030
|
489Kb / 2P |
ix Industrial A Cat.6A FRNC grey 3,0m
|
 Schneider Electric |
TM1STNTCRN52015
|
53Kb / 1P |
NTC 1,5m IP68 5x20 -50110째C Grey
Aug 10, 2019 |
|
TM1STNTCRN52050
|
54Kb / 1P |
NTC 5,0m IP68 5x20 -50110째C Grey
Aug 11, 2019 |
|
TM1STPTTSN52015
|
53Kb / 1P |
PT1000 1,5m IP68 5x20 -50110째C Green
Aug 11, 2019 |
|
TM1STPTTSN52030
|
53Kb / 1P |
PT1000 3,0m IP68 5x20 -50110째C Green
Aug 10, 2019 |
|
TM1STPTTSN52050
|
53Kb / 1P |
PT1000 5,0m IP68 5x20 -50110째C Green
Aug 10, 2019 |
 Schurter Inc. |
SP5X20
|
221Kb / 2P |
Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
04.01.2022 |