Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHLD040N65S3HF Datasheet (PDF) - ON Semiconductor

Part # NTHLD040N65S3HF
Description  MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
File Size   318.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHLD040N65S3HF Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTHLD040N65S3HF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL015N065SC1 ONSEMI-NTHL015N065SC1 Datasheet
284Kb / 8P
Silicon Carbide (SiC) MOSFET – 12 mohm, 650 V, M2, TO-247-3L
May, 2022 - Rev. 3
NTHL017N60S5H ONSEMI-NTHL017N60S5H Datasheet
244Kb / 7P
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TO247 600 V, 17 m, 75 A
October, 2022 - Rev. 0
logo
Inchange Semiconductor ...
NTHL017N60S5H ISC-NTHL017N60S5H Datasheet
347Kb / 2P
N-Channel MOSFET Transistor
logo
ON Semiconductor
NTHL019N60S5F ONSEMI-NTHL019N60S5F Datasheet
262Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, TO247-3L 600 V, 19 m, 75 A
December, 2021-Rev. 1
NTHL019N65S3H ONSEMI-NTHL019N65S3H Datasheet
367Kb / 10P
MOSFET ??N-Channel, SUPERFET III, FAST 650 V, 75 A, 19.3 m
June, 2020 ??Rev. 0
More results


Similar Description - NTHLD040N65S3HF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHL040N65S3HF ONSEMI-NTHL040N65S3HF Datasheet
318Kb / 10P
Power MOSFET, N-Channel, SUPERFET III, FRFET, 650 V, 65 A, 40 m
February, 2019 ??Rev. 1
NTH4L040N65S3F ONSEMI-NTH4L040N65S3F Datasheet
973Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
November, 2019-Rev. 1
NTHL040N65S3F ONSEMI-NTHL040N65S3F Datasheet
518Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
August, 2019-Rev. 7
NTHL065N65S3F ONSEMI-NTHL065N65S3F Datasheet
434Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 46 A, 65 m
August, 2019-Rev. 4
NTPF082N65S3F ONSEMI-NTPF082N65S3F Datasheet
325Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019-Rev. 5
NVHL040N65S3F ONSEMI-NVHL040N65S3F Datasheet
378Kb / 11P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET650 V, 65 A, 40 m
July, 2019 ??Rev. 1
NVHL040N65S3HF ONSEMI-NVHL040N65S3HF Datasheet
330Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1
NVH040N65S3F ONSEMI-NVH040N65S3F Datasheet
277Kb / 11P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
NVH082N65S3F ONSEMI-NVH082N65S3F Datasheet
300Kb / 12P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
November, 2020-Rev. 0
NVHL082N65S3HF ONSEMI-NVHL082N65S3HF Datasheet
329Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
January, 2021 ??Rev. P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com