Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2001-171 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

Part # 2001-171
Description  Insulation stop; 0.25 - 0.5 mm짼; 5 pieces/strip; light gray
File Size   176.43 Kbytes
Html View  1   2   3 
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2001-171 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG



Similar Part No. - 2001-171

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2001-115 WAGO-2001-115 Datasheet
57Kb / 2P
Protective warning marker; with high-voltage symbol, black
24.11.2021
2001-1201 WAGO-2001-1201 Datasheet
1Mb / 20P
2-conductor through terminal block; 1.5 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Pushin CAGE CLAMP®; 1,50 mm²; gray
23.11.2021
2001-1202 WAGO-2001-1202 Datasheet
1Mb / 21P
2-conductor through terminal block; 1.5 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Pushin CAGE CLAMP®; 1,50 mm²; orange
24.11.2021
2001-1203 WAGO-2001-1203 Datasheet
1Mb / 20P
2-conductor through terminal block; 1.5 mm²; suitable for Ex e II applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Pushin CAGE CLAMP®; 1,50 mm²; red
24.11.2021
2001-1204 WAGO-2001-1204 Datasheet
1Mb / 21P
2-conductor through terminal block; 1.5 mm²; for Ex e II and Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 1,50 mm²; blue
24.11.2021
More results


Similar Description - 2001-171

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BY127 JGD-BY127 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
PHOENIX CONTACT
CRIMPFOX-LC-AI-6 PHOENIX-CRIMPFOX-LC-AI-6 Datasheet
50Kb / 2P
Crimp insert, for ferrules, 0.25, - 6.0 mm짼
logo
WAGO Kontakttechnik Gmb...
2002-171 WAGO-2002-171 Datasheet
171Kb / 3P
Insulation stop; 0.25 - 0.5 mm짼; 5 pieces/strip; light gray
24.11.2021
2002-172 WAGO-2002-172 Datasheet
171Kb / 3P
Insulation stop; 0.75 - 1 mm짼; 5 pieces/strip; dark gray
24.11.2021
2002-405 WAGO-2002-405 Datasheet
336Kb / 5P
Jumper; 5-way; insulated; light gray
24.11.2021
2000-405 WAGO-2000-405 Datasheet
304Kb / 5P
Jumper; 5-way; insulated; light gray
24.11.2021
2001-405 WAGO-2001-405 Datasheet
304Kb / 5P
Jumper; 5-way; insulated; light gray
24.11.2021
769-105 WAGO-769-105 Datasheet
520Kb / 10P
1-conductor female connector; CAGE CLAMP짰; 4 mm짼; Pin spacing 5 mm; 5-pole; coding finger; 4,00 mm짼; gray
29.12.2021
769-105-000-048 WAGO-769-105-000-048 Datasheet
185Kb / 7P
1-conductor female connector; CAGE CLAMP짰; 4 mm짼; Pin spacing 5 mm; 5-pole; coding finger; 4,00 mm짼; gray, green-yellow, gray
29.12.2021
769-605 WAGO-769-605 Datasheet
275Kb / 8P
1-conductor male connector; CAGE CLAMP짰; 4 mm짼; Pin spacing 5 mm; 5-pole; 4,00 mm짼; gray
29.12.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com