Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS7D5N15MC Datasheet (PDF) - ON Semiconductor

Part # NTMFS7D5N15MC
Description  MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
File Size   281.03 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS7D5N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS7D5N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
More results


Similar Description - NTMFS7D5N15MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86570L FAIRCHILD-FDMC86570L Datasheet
352Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
logo
ON Semiconductor
NTDS015N15MC ONSEMI-NTDS015N15MC Datasheet
148Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2
NTMFS015N15MC ONSEMI-NTMFS015N15MC Datasheet
231Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTTFS034N15MC ONSEMI-NTTFS034N15MC Datasheet
329Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0
FDB2532-F085 ONSEMI-FDB2532-F085 Datasheet
1Mb / 15P
MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
May, 2020 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com