Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38640AEVKWLP Datasheet (PDF) - Maxim Integrated Products

Part # MAX38640AEVKWLP
Description  Evaluates: MAX38640 A in WLP
File Size   442.17 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38640AEVKWLP Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX38640AEVKWLP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38640AEVKUDFN MAXIM-MAX38640AEVKUDFN Datasheet
462Kb / 6P
Evaluates: MAX38640 A in 關DFN
2019
More results


Similar Description - MAX38640AEVKWLP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38643AEVK MAXIM-MAX38643AEVK Datasheet
459Kb / 6P
Evaluates the MAX38643A in a 6-pin WLP
Rev 1; 7/19
MAX38642A MAXIM-MAX38642A Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38642AEVK MAXIM-MAX38642AEVK Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38913AEVK MAXIM-MAX38913AEVK Datasheet
304Kb / 8P
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38904DEVK MAXIM-MAX38904DEVK Datasheet
389Kb / 6P
Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX38904CEVK MAXIM-MAX38904CEVK Datasheet
441Kb / 6P
Evaluates the MAX38904C IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
Evaluates: MAX77839 in WLP Package
2021
MAX38643AEVKIT MAXIM-MAX38643AEVKIT Datasheet
567Kb / 6P
Evaluates: MAX38643 A in 關DFN
2019
MAX38640AEVKUDFN MAXIM-MAX38640AEVKUDFN Datasheet
462Kb / 6P
Evaluates: MAX38640 A in 關DFN
2019
MAX17227JEVK MAXIM-MAX17227JEVK Datasheet
1Mb / 6P
Evaluates the MAX17227J in a 6-pin WLP
2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com