Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDK Datasheet (PDF) - Schurter Inc.

Part # SDK
Description  Printmount Switch, Medium Stroke, 7.5 mm
File Size   263.64 Kbytes
Html View  1   2   3 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SDK Datasheet (PDF) - Schurter Inc.



Similar Part No. - SDK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
logo
Winchester Electronics ...
SDK-2951 WINCHESTER-SDK-2951 Datasheet
44Kb / 1P
PLUG
SDK-2963-13 WINCHESTER-SDK-2963-13 Datasheet
110Kb / 1P
CLIP ASSEMBLY
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
End stop limit switch
logo
Winchester Electronics ...
SDK-3933-MC7 WINCHESTER-SDK-3933-MC7 Datasheet
645Kb / 2P
MINIATURE BAYOWET BULK RECEPTACLE
More results


Similar Description - SDK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
SDK SCHURTER-SDK Datasheet
252Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
SMS SCHURTER-SMS Datasheet
323Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
LDT SCHURTER-LDT_V01 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT_V02 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
SMS SCHURTER-SMS_V01 Datasheet
334Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com