| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NFAQ0860L36T
|
510Kb / 14P |
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0 |
|
NFAQ1060L36T
|
511Kb / 14P |
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1 |
|
NFAP1060L3TT
|
591Kb / 14P |
Intelligent Power Module (IPM) 600 V, 10 A
March, 2020 ??Rev. 1 |
|
NFAQ1060L36TB
|
511Kb / 14P |
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0 |
|
STK541UC62K-E
|
435Kb / 15P |
Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1 |
|
STK544UC63K-E
|
317Kb / 13P |
Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0 |
|
STK544UC62K-E
|
453Kb / 16P |
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3 |
|
STK551U362A-E
|
851Kb / 16P |
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2 |
|
STK554U362A-E
|
323Kb / 16P |
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3 |
|
STK554U362C-E
|
337Kb / 16P |
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3 |