Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP432 Datasheet (PDF) - Sipex Corporation

Part # SP432
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
File Size   362.33 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432 Datasheet (PDF) - Sipex Corporation



Similar Part No. - SP432

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
Low Voltage Adjustable Precision Shunt Regulators
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Littelfuse
SP4322 LITTELFUSE-SP4322 Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
979Kb / 5P
TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4322
Revision: 04/14/20
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
More results


Similar Description - SP432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
SP26LV432 SIPEX-SP26LV432_06 Datasheet
171Kb / 11P
High-Speed, Low-Power Quad RS-422 Differential Line Receiver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com