Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVB072N65S3 Datasheet (PDF) - ON Semiconductor

Part # NVB072N65S3
Description  MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
File Size   227.18 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVB072N65S3 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVB072N65S3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVB055N60S5F ONSEMI-NVB055N60S5F Datasheet
258Kb / 7P
MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0
NVB082N65S3F ONSEMI-NVB082N65S3F Datasheet
242Kb / 9P
MOSFET - Power, Single N-Channel, D2PAK 650 V, 82 m, 40 A
November, 2020 ??Rev. 4
NVB095N65S3F ONSEMI-NVB095N65S3F Datasheet
244Kb / 11P
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
November, 2020 ??Rev. 0
NVB099N65S3 ONSEMI-NVB099N65S3 Datasheet
267Kb / 9P
MOSFET ??Power, N-Channel, SUPERFET III, Automotive, Easy Drive
August, 2020 ??Rev. 1
More results


Similar Description - NVB072N65S3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCP125N65S3R0 ONSEMI-FCP125N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m
August, 2019 ??Rev. 5
FCP165N65S3R0 ONSEMI-FCP165N65S3R0 Datasheet
392Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
August, 2019 ??Rev. 7
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
NTBL070N65S3 ONSEMI-NTBL070N65S3 Datasheet
323Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, Easy-drive 650 V, 70 m, 44 A
May, 2021 ??Rev. 1
NVHL025N65S3 ONSEMI-NVHL025N65S3 Datasheet
409Kb / 9P
MOSFET ??Power, N-Channel, Automotive SUPERFET III, Easy-drive 650 V, 75 A, 25 m
July, 2019 ??Rev. 2
FCB099N65S3 ONSEMI-FCB099N65S3 Datasheet
328Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 30 A, 99 m
February, 2020 ??Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCB070N65S3 ONSEMI-FCB070N65S3 Datasheet
316Kb / 10P
MOSFET - Power, N-Channel, SUPERFET III, Easy Drive 650 V, 44 A, 70 m
April, 2020 - Rev. 5
NVCR8LS025N65S3A ONSEMI-NVCR8LS025N65S3A Datasheet
211Kb / 8P
MOSFET – Power, N-Channel, Automotive, SUPERFET III, Easy-Drive 650 V, 25 m
September, 2022 - Rev. 0
NVHL025N65S3 ONSEMI-NVHL025N65S3_V01 Datasheet
367Kb / 9P
MOSFET – Power, N-Channel, Automotive SUPERFET III, Easy-drive 650 V, 75 A, 25 m
February, 2022 - Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com