Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVBGS1D2N08H Datasheet (PDF) - ON Semiconductor

Part # NVBGS1D2N08H
Description  MOSFET - Power, Single N-Channel, D2PAK7 80 V, 1.34 m, 290 A
File Size   304.22 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVBGS1D2N08H Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVBGS1D2N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NVBGS6D5N15MC ONSEMI-NVBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019-Rev. 0
More results


Similar Description - NVBGS1D2N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBGS3D5N06C ONSEMI-NTBGS3D5N06C Datasheet
232Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 3.7 m, 127 A
November, 2020 ??Rev. 1
NTBGS001N06C ONSEMI-NTBGS001N06C Datasheet
232Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 1.1 m, 342 A
November, 2020 ??Rev. 1
NTBGS1D5N06C ONSEMI-NTBGS1D5N06C Datasheet
230Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 1.55 m, 267 A
November, 2020 ??Rev. 1
NTBGS002N06C ONSEMI-NTBGS002N06C Datasheet
231Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 2.1 m, 211 A
November, 2020 ??Rev. 1
NTBGS2D5N06C ONSEMI-NTBGS2D5N06C Datasheet
231Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 2.5 m, 169 A
November, 2020 ??Rev. 1
NTBGS004N10G ONSEMI-NTBGS004N10G Datasheet
306Kb / 8P
MOSFET - Power, Single N-Channel, D2PAK7 100 V, 4.1 m, 203 A
January, 2021 ??Rev. 0
NTBGS6D5N15MC ONSEMI-NTBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019 ??Rev. 0
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NVBGS6D5N15MC ONSEMI-NVBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019-Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com